Part Number Hot Search : 
ADCREF0 GRM21BR MMSZ52 SC160C 2SC2486 TFS208B MAX9814 TSC10
Product Description
Full Text Search
 

To Download 1639000000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, screw clamp connection, pitch 3.5 | blz 3.5/90/270 | bl 3.5/90 - 1 - general ordering data order no. 1639000000 part designation bl 3.5/24/90 sn sw version pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 24, 90, box ean 4008190276546 qty. 20 pc(s). system parameters conductor connection system clamping yoke connection outgoing direction of conductor 90 pitch 3.5 mm pitch in inch 0.138 inch no. of poles 24 no. of rows 1 screwdriver blade 0.4 x 2.5 screwdriver blade standard din 5264 tightening torque, min. 0.2 tightening torque, max. 0.25 nm clamping screw m 2 stripping length 6 mm l1 in mm 80.5 mm l1 in inch 3.169 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch material data insulating material pbt colour black colour chart similar to ral 9011 insulating material group iiia flammability class ul 94 v-0 cti >= 200
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, screw clamp connection, pitch 3.5 | blz 3.5/90/270 | bl 3.5/90 - 2 - material data contact base material copper alloy contact surface tinned connectable conductors clamping range, min. 0.08 mm2 clamping range, max. 1.5 mm2 awg, min. 14 awg, max. 28 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 1.5 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 1.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.2 mm2 with wire end ferrule, acc. to din 46 228/1, max. 1.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.2 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 1.5 mm2 gauge to en 60999 a x b; ? 2.4 mm x 1.5 mm; din iec rating data rated current, min. no. pins (tu=20c) 12 a rated current, max. no. pins (tu=20c) 10 a rated current, min. no. pins(tu=40c) 10 a rated current, max. no. pins (tu=40c) 8 a rated voltage for overvoltage class/pollution severity ii/2 320 v rated voltage for overvoltage class/pollution severity iii/2 160 v rated voltage for overvoltage class/pollution severity iii/3 160 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 2.5 kv short-time withstand current resistance 3 x 1s with 100 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 28 awg conductor (field wiring), max. 14 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 8 a awg conductor, min. 28 awg conductor, max. 14
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, screw clamp connection, pitch 3.5 | blz 3.5/90/270 | bl 3.5/90 - 3 - approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-04 similar products order no. part designation version 1638550000 bl 3.5/2/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 2, 90, box 1638780000 bl 3.5/2/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 2, 90, box 1638560000 bl 3.5/3/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 3, 90, box 1638790000 bl 3.5/3/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 3, 90, box 1638570000 bl 3.5/4/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 4, 90, box 1638800000 bl 3.5/4/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 4, 90, box 1638580000 bl 3.5/5/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 5, 90, box 1638810000 bl 3.5/5/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 5, 90, box 1638590000 bl 3.5/6/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 6, 90, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, screw clamp connection, pitch 3.5 | blz 3.5/90/270 | bl 3.5/90 - 4 - 1638820000 bl 3.5/6/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 6, 90, box 1638600000 bl 3.5/7/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 7, 90, box 1638830000 bl 3.5/7/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 7, 90, box 1638610000 bl 3.5/8/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 8, 90, box 1638840000 bl 3.5/8/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 8, 90, box 1638620000 bl 3.5/9/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 9, 90, box 1638850000 bl 3.5/9/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 9, 90, box 1638630000 bl 3.5/10/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 10, 90, box 1638860000 bl 3.5/10/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 10, 90, box 1638640000 bl 3.5/11/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 11, 90, box 1638870000 bl 3.5/11/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 11, 90, box 1638650000 bl 3.5/12/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 12, 90, box 1638880000 bl 3.5/12/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 12, 90, box 1638660000 bl 3.5/13/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 13, 90, box 1638890000 bl 3.5/13/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 13, 90, box 1638670000 bl 3.5/14/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 14, 90, box 1638900000 bl 3.5/14/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 14, 90, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, screw clamp connection, pitch 3.5 | blz 3.5/90/270 | bl 3.5/90 - 5 - 1638680000 bl 3.5/15/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 15, 90, box 1638910000 bl 3.5/15/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 15, 90, box 1638690000 bl 3.5/16/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 16, 90, box 1638920000 bl 3.5/16/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 16, 90, box 1638700000 bl 3.5/17/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 17, 90, box 1638930000 bl 3.5/17/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 17, 90, box 1638710000 bl 3.5/18/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 18, 90, box 1638940000 bl 3.5/18/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 18, 90, box 1638720000 bl 3.5/19/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 19, 90, box 1638950000 bl 3.5/19/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 19, 90, box 1638730000 bl 3.5/20/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 20, 90, box 1638960000 bl 3.5/20/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 20, 90, box 1638740000 bl 3.5/21/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 21, 90, box 1638970000 bl 3.5/21/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 21, 90, box 1638750000 bl 3.5/22/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 22, 90, box 1638980000 bl 3.5/22/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 22, 90, box 1638760000 bl 3.5/23/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 23, 90, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, screw clamp connection, pitch 3.5 | blz 3.5/90/270 | bl 3.5/90 - 6 - 1638990000 bl 3.5/23/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 23, 90, box 1638770000 bl 3.5/24/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.50 mm, no. of poles: 24, 90, box


▲Up To Search▲   

 
Price & Availability of 1639000000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X